Part Number Hot Search : 
TA140PW LCX14 ATTINY NE576N G5752 SM02BS 4000B AXIOM
Product Description
Full Text Search
 

To Download STR200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type: quantity: project: catalog number: fixture wattage voltage finish option option option option luminaires may be altered for design improvement or discontinued without prior notice. unless specified, lamps are not included with luminaires. toll free: 866.586.4647 fax: 514.683.8872 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis 1 6.128in 155.7mm 36.000in 914mm 11.500in 292mm 23.719in 602.5mm luminaire o.a.h is extended to 13 (330) with (em) emergency ballast options rotation mounting plate allows final luminaire alignment on site for single or multiple installation. STR200 spectrum - cfl april 2013 rev.0 materials elliptical housing made of 16 gauge galvanized steel. tempered clear prismatic glass lens with white translucent circular pattern. extruded aluminum housing with independent tool-less access cover for ease of maintenance. set of two aircraft suspension cables allowing on site adjustment. elliptical canopy cover with rotatable mechanism allowing a quick allignment of luminaire once installation is completed. electrical ballast universal voltage 120v/277v (347v on request) with a .99 power factor and end of life protection with a minimum starting temperature of 0f (-18c). socket thermoplastic body rated for 75w-600v. finish polyester powder coating is applied through an electrostatic process and oven cured for long term finish. mounting maximum weight: 22lbs (10kg) mounts on a standard 4 (102) octagonal electrical box with 3 1/2 (89) c/c mounting holes. certification tested to ul1598 and csa 22.2 #250. etl listed dry location. rated ip20. STR200 1- twin cable suspension mounted on elliptical rotation plate allowing on site luminaire alignment with independent electrical connection cover for quick inspection access. 2- on site self locking adjustable 36 long suspension cables. 3- standard 4/18 silver braided power cord. 4- extruded aluminum ballast housing with swing out access door for quick and easy maintenance. 5- elliptical lamp housing. 6- elliptical set of louver/lamp shield. 7- tempered prismatic glass lens with white translucent circular pattern.
luminaires may be altered for design improvement or discontinued without prior notice. unless specified, lamps are not included with luminaires. toll free: 866.586.4647 fax: 514.683.8872 260 labrosse, pointe-claire (qc) canada h9r 5l5 luminis 2 ___ vertical plane ___ horizontal plane april 2013 rev.0 STR200 spectrum - cfl descriptive information report no.: lsc d390 luminaire: spectrum pendant STR200 lamp: two (2) 42w triple-tube cfl lamps total lamp lumens: 6400 lms (3200/lamp) efficiency: 55.70% STR200-f242 please visit our web site www.luminis.com for complete i.e.s. formatted download data. typical photometry summary standard colors wht snow white bkt jet black bzt bronze mst matte silver grt titanium gray dgt gun metal cht champagne optional colors cs custom color ral ral# color (refer to color chart) 120v 2 277v 347v model# lamp selection 1 voltage finish STR200 luminaire selection compact fluorescent (gx24q lamp base) f226 2x26w f232 2x32w f242 2x42w f257 2x57w 914 686 457 229 notes 1. unless otherwise noted, lamps are by others. 2. luminaires are factory prewired for 120v (if no voltage is specified.) for complete photometric data, please visit our website at www.luminis.com electrical mounting options dm2 2x26w 120v or 277v mark x dimming ballast dm3 2x32/42w 120v or 277v mark x dimming ballast dm4 2x57w 120v or 277v mark x dimming ballast ds2 dual lamp switching (set of 2 lamps) 2ft39 or 2ft54 em42 integral emergency battery back-up - 1 lamp (26/32/42w) 90 min. em43 remote emergency batter y back-up - 1 lamp (57w) 90 min. dimming 120v 277v dm3-120 dm3-277 2x32/42w dm2-120 dm2-277 2x26w dm4-120 dm4-277 2x57w standard dimming ballast mark x 60hz/eol protection dimming;5-100% min. start. temp. 10oc (50of) burn lamps 100 hrs at full light output before dimming. cl additional suspension cable with power cord (please specify length) stc safety cable


▲Up To Search▲   

 
Price & Availability of STR200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X